Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BK3266 Datasheet(PDF) 21 Page - Beken Corporation

Part # BK3266
Description  Bluetooth Audio SoC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266 Datasheet(HTML) 21 Page - Beken Corporation

Back Button BK3266 Datasheet HTML 17Page - Beken Corporation BK3266 Datasheet HTML 18Page - Beken Corporation BK3266 Datasheet HTML 19Page - Beken Corporation BK3266 Datasheet HTML 20Page - Beken Corporation BK3266 Datasheet HTML 21Page - Beken Corporation BK3266 Datasheet HTML 22Page - Beken Corporation BK3266 Datasheet HTML 23Page - Beken Corporation BK3266 Datasheet HTML 24Page - Beken Corporation BK3266 Datasheet HTML 25Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 21 of 28
4.5.
BATTERY CHARGE
Parameter
Description
MIN
TYP
MAX
Unit
VCC5USB
Charger input voltage
4.75
5
5.75
V
I_trickle
Charge Current at trickle mode as
percent of fast charge mode
10
%
I_fast
Charge current at fast charge mode
40
220
mA
V_end(Need Calibrated)
VBAT voltage when Charge End
4.2
V
4.6.
Analog LDO/BUCK
System can choose the analog BUCK or LDO as the power supply of RF and Audio part.
Parameter
Description
MIN
TYP
MAX
Unit
Analog LDO
VDDANA
Analog LDO output voltage
1.6
1.8
2.4
V
Load Current
Load current
150
mA
Analog BUCK
VDDANA
Analog BUCK output voltage
1.6
1.8
2.4
V
Load Current
Load current
150
mA
Switching frequency
BUCK modulation frequency
0.5
1
6
MHz
4.7.
Digital LDO/BUCK
System can also choose the digital BUCK or LDO as the power supply for the Digital part.
Parameter
Description
MIN
TYP
MAX
Unit
Digital LDO
VDDDIG
Digital LDO output voltage
1
1.2
1.35
V
Load Current
Load current
40
mA
Digital BUCK
VDDDIG
Digital BUCK output voltage
1
1.2
1.35
V
Load Current
Load current
40
mA
Switching frequency
BUCK modulation frequency
0.5
1
6
MHz
4.8.
Crystal and Reference Clock
Parameter
Description
MIN
TYP
MAX
Unit
Frequency
Crystal and Reference frequency
-
26
-
MHz
Tolerance
Crystal and Reference frequency
tolerance
-10
-
+10
ppm
XI Pin
Input voltage range for reference
clock input
-0.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com