Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL602/604 Datasheet(PDF) 23 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL602/604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL602/604 Datasheet(HTML) 23 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL602/604 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
5
Reference Design (simplified)
EXT_RST
(BL604 Only)
BL602/604
24/32/38.4/40MHz
(Required)
32.768kHz
(Optional)
Antenna
ANT
3.3V
16/23x GPIO
XTAL32K_OUT
XTAL32K_IN
XTAL_IN
XTAL_OUT
1.8V or 3.3V
CHIP_EN
AVDD15_RF
AVDD18_RF
VDD33
VDDIO_1
AVDD33_2
AVDD33_1
AVDD33_DCDC
GPIOs
VDDCORE
SW_DCDC
DCDC_OUT
Figure 5.1: Reference Design
BL602/604 Datasheet
23/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com