Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD3.3V02DS-C Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # ESD3.3V02DS-C
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

ESD3.3V02DS-C Datasheet(HTML) 2 Page - UN Semiconducctor INC

  ESD3.3V02DS-C Datasheet HTML 1Page - UN Semiconducctor INC ESD3.3V02DS-C Datasheet HTML 2Page - UN Semiconducctor INC ESD3.3V02DS-C Datasheet HTML 3Page - UN Semiconducctor INC ESD3.3V02DS-C Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
Fig2. Power Rating Derating Curve
Fig1. 8/20μs Pulse Waveform
Fig4. Typic Capacitance vs. Reverse
Fig3. Clamping Voltage vs. Peak Pulse Current
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
ESD3.3V02DS-C
0
5
10
15
20
25 30
120
tr
100
80
60
40
Peak Value IPP
20
0
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (μs)
Transient Voltage Suppressors for ESD Protection
VRWM
VBR
IR
CJ
VC
Reverse Working Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Junction capacitance
Positive Clamping Voltage
--
It=1mA
VRww=3.3V; T=25°C
VR =0V,f=1MHz;
IPP =16A,TP =8/20μs;
IPP=1A
IPP =8A
IPP =16A
--
3.8
--
--
--
--
--
--
--
--
--
15
--
4.8
6.2
7.7
3.3
--
0.1
--
10.5
--
--
--
V
V
μA
pF
V
V
V
V
TLP Clamping Voltage
VCL
Characteristics
Symbol
Test Conditions
Typ.
Max.
Unit
Min.
0
20 40 60 80 100 120 140 160 180 200
100
40
30
20
10
0
90
80
60
50
Ambient Temperature – TA (ºC)
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com