Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD4.5V20D-SC Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # ESD4.5V20D-SC
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

ESD4.5V20D-SC Datasheet(HTML) 2 Page - UN Semiconducctor INC

  ESD4.5V20D-SC Datasheet HTML 1Page - UN Semiconducctor INC ESD4.5V20D-SC Datasheet HTML 2Page - UN Semiconducctor INC ESD4.5V20D-SC Datasheet HTML 3Page - UN Semiconducctor INC ESD4.5V20D-SC Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
ESD4.5V20D-SC
Transient Voltage Suppressors for ESD Protection
Fig4. Clamping Voltage vs. Peak Pulse Current
VRWM
VBR
IR
CJ
VC
Reverse Working Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Junction capacitance
Positive Clamping Voltage
--
IT=1mA;
VRWM =4.5 V, T=25°C;
VR = 0 V, f = 1MHz ;
IPP =50.0 A, TP =8/20μs;
IPP =220.0 A, TP =8/20μs;
--
4.8
--
--
--
--
--
--
--
400
--
--
4.5
--
1.0
--
8.5
20.0
V
V
μA
pF
V
V
Characteristics
Symbol
Test Conditions
Typ.
Max
Unit
Min.
Fig2. Power Rating Derating Curve
Fig1. 8/20μs Pulse Waveform
0
5
10
15
20
25 30
120
tr
100
80
60
40
Peak Value IPP
20
0
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
0
25
50
75
100
125
150
110
100
40
30
20
10
0
90
80
70
60
50
Ambient Temperature – TA (ºC)
t - Time (μs)
Fig3. ESD Pulse Waveform (according to IEC61000-4-2)
100%
90%
10%
tr
30ns
=
Time
60ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com