Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT2554 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT2554
Description  Total Power Solution for Portable Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2554 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT2554 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2554 Datasheet HTML 25Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AAT2554
Total Power Solution for Portable Applications
2554.2007.01.1.2
21
Table 2: LED Status Indicator.
The LED should be biased with as little current as
necessary to create reasonable illumination; there-
fore, a ballast resistor should be placed between
the LED cathode and the STAT pin. LED current
consumption will add to the overall thermal power
budget for the device package, hence it is good to
keep the LED drive current to a minimum. 2mA
should be sufficient to drive most low-cost green or
red LEDs. It is not recommended to exceed 8mA
for driving an individual status LED.
The required ballast resistor values can be esti-
mated using the following formulas:
Example:
Note: Red LED forward voltage (VF) is typically
2.0V @ 2mA.
Thermal Considerations
The AAT2554 is offered in a TDFN34-16 package
which can provide up to 2W of power dissipation
when it is properly bonded to a printed circuit board
and has a maximum thermal resistance of 50°C/W.
Many considerations should be taken into account
when designing the printed circuit board layout, as
well as the placement of the charger IC package in
proximity to other heat generating devices in a given
application design. The ambient temperature around
the IC will also have an effect on the thermal limits of
a battery charging application. The maximum limits
that can be expected for a given ambient condition
can be estimated by the following discussion.
First, the maximum power dissipation for a given
situation should be calculated:
Where:
PD(MAX) = Maximum Power Dissipation (W)
θJA
= Package Thermal Resistance (°C/W)
TJ(MAX) = Maximum Device Junction Temperature
(°C) [135°C]
TA
= Ambient Temperature (°C)
Figure 3 shows the relationship of maximum
power dissipation and ambient temperature of the
AAT2554.
Figure 3: Maximum Power Dissipation.
Next, the power dissipation of the battery charger
can be calculated by the following equation:
Where:
PD
= Total Power Dissipation by the Device
VADP = ADP/USB Voltage
VBAT = Battery Voltage as Seen at the BAT Pin
ICH
= Constant Charge Current Programmed for
the Application
IOP
= Quiescent Current Consumed by the
Charger IC for Normal Operation [0.5mA]
PD = [(VADP - VBAT) · ICH + (VADP · IOP)]
TA (
°°C)
0
500
1000
1500
2000
2500
3000
0
20
40
60
80
100
120
(TJ(MAX) - TA)
PD(MAX) =
θ
JA
(5.5V - 2.0V)
R1 =
= 1.75kΩ
2mA
(VADP - VF(LED))
R1=
ILED
Event Description
Status
No battery charging activity
OFF
Battery charging via adapter
ON
or USB port
Charging completed
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com