Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3113 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3113 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
Typical Application
CIN
1
μF
VBATTERY
COUT
1
μF
EN/SET
C1
1
μF
C2
1
μF
D4
D3
D2
D1
VIN
OUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3114/14A
D5
D6
D5
D6
3113.2006.07.1.9
1
ChargePump™
General Description
The AAT3113 and AAT3114/14A are low noise, con-
stant frequency charge pump DC/DC converters
that use fractional (1.5X) conversion to increase effi-
ciency in white LED applications. The devices can
be used to produce current levels up to 20mA for
each output from a 2.7V to 5.5V input. A low exter-
nal parts count (two 1µF flying capacitors and two
small bypass capacitors at VIN and OUT) makes
these devices ideally suited for small, battery-pow-
ered applications.
AnalogicTech’s Simple Serial Control™ (S2Cwire™)
interface is used to enable, disable, and set the
LED drive current for 32-level logarithmic scale LED
brightness control. AAT3113 and AAT3114/14A
devices have a thermal management system for
protection in the event of a short-circuit condition on
any of the output pins. Built-in soft-start circuitry
prevents excessive inrush current during start-up.
A high switching frequency enables the use of small
external capacitors. A low-current shutdown feature
disconnects the load from VIN and reduces quies-
cent current to less than 1µA. The AAT3113 pro-
vides four LED current source outputs, and the
AAT3114/14A provides six. The AAT3113 is avail-
able in a Pb-free 12-pin TSOPJW package, and the
AAT3114/14A is available in a Pb-free 16-pin QFN
package.
Features
•
AAT3113: Four Outputs
•
AAT3114/14A: Six Outputs
•
20mA Full-Scale Current
•
Simple Serial Control (S2Cwire) Interface
— 32-Position Logarithmic Scale with Digital
Control
•
Low Noise Constant Frequency Operation
•
33% Less Input Current Than Doubler
Charge Pump
•
High Accuracy Brightness Matching
•
Small Application Circuit
•
Regulated Output Current
•
Automatic Soft Start
•VIN Range: 2.7V to 5.5V
•
No Inductors
•
600kHz Switching Frequency
•IQ <1µA in Shutdown
•
Temperature Range: -40°C to 85°C
•
12-Pin TSOPJW Package (AAT3113)
•
16-Pin QFN Package (AAT3114/14A)
Applications
•
Programmable Current Source
•
White LED Backlighting


Similar Part No. - AAT3113

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3113 ANALOGICTECH-AAT3113 Datasheet
1Mb / 15P
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Skyworks Solutions Inc.
AAT3113 SKYWORKS-AAT3113 Datasheet
2Mb / 15P
High Efficiency 1.5X Fractional Charge Pumps for White LED Applications
April 16, 2013
logo
Advanced Analogic Techn...
AAT3113ISN-20-T1 ANALOGICTECH-AAT3113ISN-20-T1 Datasheet
232Kb / 14P
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3113ITP ANALOGICTECH-AAT3113ITP Datasheet
1Mb / 15P
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
More results

Similar Description - AAT3113

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Maxim Integrated Produc...
MAX1913 MAXIM-MAX1913 Datasheet
275Kb / 11P
60mA 1.5x High-Efficiency White LED Charge Pumps
Rev 0; 1/02
logo
Advanced Analogic Techn...
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3113 ANALOGICTECH-AAT3113_08 Datasheet
1Mb / 15P
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com