Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3151 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT3151
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3151 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3151 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
3151.2007.03.1.10
13
input current. The expression to define the ideal
efficiency (
η) can be rewritten as:
-or-
Capacitor Selection
Careful selection of the four external capacitors
C
IN, C1, C2, and COUT is important because they will
affect turn-on time, output ripple, and transient per-
formance. Optimum performance will be obtained
when low equivalent series resistance (ESR)
ceramic capacitors are used. In general, low ESR
may be defined as less than 100m
Ω. A value of
1µF for all four capacitors is a good starting point
when choosing capacitors. If the constant current
sinks are only programmed for light current levels,
then the capacitor size may be decreased.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3151. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor has very
low ESR, is lowest cost, has a smaller PCB foot-
print, and is non-polarized.
Low ESR ceramic
capacitors help maximize charge pump transient
response. Since ceramic capacitors are non-polar-
ized, they are not prone to incorrect connection
damage.
Equivalent Series Resistance
ESR is an important characteristic to consider when
selecting a capacitor. ESR is a resistance internal
to a capacitor that is caused by the leads, internal
connections, size or area, material composition,
and ambient temperature. Capacitor ESR is typi-
cally measured in milliohms for ceramic capacitors
and can range to more than several ohms for tanta-
lum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1µF are typically
made from NPO or C0G materials. NPO and C0G
materials generally have tight tolerance and are
very stable over temperature. Larger capacitor val-
ues are usually composed of X7R, X5R, Z5U, or
Y5V dielectric materials. Large ceramic capacitors
(i.e., greater than 2.2µF) are often available in low-
cost Y5V and Z5U dielectrics, but capacitors
greater than 1µF are not typically required for
AAT3151 applications.
Capacitor area is another contributor to ESR.
Capacitors that are physically large will have a lower
ESR when compared to an equivalent material
smaller capacitor. These larger devices can improve
circuit transient response when compared to an
equal value capacitor in a smaller package size.
η(%) = 100
V
OUT
1.5V
IN
⎛⎞
⎝⎠
η =
P
OUT =
V
OUT · IOUT
=
V
OUT
P
IN
V
IN · 1.5IOUT
1.5V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com