Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3686 Datasheet(PDF) 21 Page - Advanced Analog Technology, Inc.

Part # AAT3686
Description  USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3686 Datasheet(HTML) 21 Page - Advanced Analog Technology, Inc.

Back Button AAT3686 Datasheet HTML 16Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 17Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 18Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 19Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 20Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 21Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 22Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 23Page - Advanced Analog Technology, Inc. AAT3686 Datasheet HTML 24Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AAT3686
USB Port/AC Adapter
Lithium-Ion/Polymer Battery Charger
3686.2006.10.1.9
21
AAT3686 Evaluation Board Schematic Diagram
Figure 5: AAT3686 Evaluation
Figure 6: AAT3686 Evaluation
Figure 7: AAT3686 Evaluation
Board Component Side Layout.
Board Solder Side Layout.
Board Assembly Layout.
Figure 8: AAT3686 Evaluation Board Schematic Diagram.
GND
USB
1
BAT
2
ADP
3
CHR
5
EN
6
ADPP#
7
TS
8
412
DATA
9
STAT2
10
STAT1
11
CT
USBSEL
13
USBL
14
USBH
15
ADPSET
16
AAT3686
U1
D2
D1
RED
LED
RED
LED
GREEN
LED
D3
42.2K
R5
8.06K
R3
1.5K
R7
1.5K
R8
1.5K
R10
Open
Open
Open
R6
10K
R1
1.5K
R9
R11
R12
8.06K
R4
10
μF
C1
10
μF
C2
10
μF
C3
0.1
μF
C5
Open
(Optional)
C6
USBSEL
J2
SW1
LO
HI
BAV74LT1
D4 (b)
BAV74LT1
D4 (a)
BAT
ADP
USB
DATA
CT
TS
ON/OFF
J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com