Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RK816-2 Datasheet(PDF) 41 Page - Rockchip Electronics Co., Ltd

Part # RK816-2
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816-2 Datasheet(HTML) 41 Page - Rockchip Electronics Co., Ltd

Back Button RK816-2 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 44Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 45Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
41
Description
Bit 7-5
RESV: Reserved
Bit 4
INT_SLEEP_MASK_EN:
1: Mask periodic interrupt while the device is in SLEEP mode
0: Normal mode, no interrupt masked.
Bit 3
INT_ALARM_EN: Enable one interrupt when the alarm value is reached
1: Enable
0: Disable
Bit 2
INT_TIMER_EN: Enable periodic interrupt
Bit 1-0
EVERY: 00: every second 01: every minute
10: every hour
11: every
day
RTC_COMP_LSB_REG (REG[13]): RTC COMPENSATION REGISTER LSB
ADDRESS: 13H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RTC_COMP_LSB
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit7-0
This register contains the number of 32-kHz periods to be added into the
32KHz counter every hour [LSB]
RTC_COMP_MSB_REG (REG[14]): RTC COMPENSATION REGISTER MSB
ADDRESS: 14H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RTC_COMP_MSB
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit7-0
This register contains the number of 32-kHz periods to be added into the
32KHz counter every hour [MSB]
CLK32KOUT_REG (REG[20]): 32KHz CLOCK OUTPUT REGISTER
ADDRESS: 20H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
CLK32KOUT_
EN
DEFAULT
0
0
0
0
0
0
0
1
Description
Bit 7-1
Reserved
Bit 0
CLK32KOUT_EN:
1: CLK32K is enabled, 0: CLK32K is disabled
5.2.2 Version Registers
CHIP_NAME_REG (REG[17]): CHIP NAME REGISTER
ADDRESS: 17H
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
CHIP_NAME<11:4>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com