Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK0033 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK0033
Description  FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0033 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK0033 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Max.
±18
±22
±10
±250
±100
±10
-
-
-
-
-
-
-
-
-
-
VIN=0V
Short Pin 6 to Pin 7 VIN=0V
Short Pin 6 to Pin 7 VIN=0V
Pin 6=open RPOT=200
Ω From Pin 7 to Pin 9
VCM=0V
Either Input
F=DC
±10V
≤VS≤±20V
F=10Hz to 1KHz
F=1KHz
VIN=±14V RL=1K
VIN=±10.5V RL=100
2V step
VIN=1VRMS RL=1K
VOUT=±10V
RS=100
Ω VIN=1VRMS F=1KHz
1
2
3
4
5
6
7
8
9
10
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
RTH
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
Thermal Resistance
Junction to Case
Output Devices Only
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature
(MSK 0033B)
(MSK 0033)
-65°C to +150°C
300°C
175°C
65°C/W
±20V
±120mA
±20V
-55°C to +125°C
-40°C to +85°C
±VCC
IOUT
VIN
TC
Group A
Subgroup
-
1
1
2,3
1,2,3
1
2,3
-
-
-
-
4
4
-
-
4
4
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Offset Voltage
Offset Voltage Drift
Offset Adjust
Input Bias Current 9
Input Impedance 3
Power Supply Rejection Ratio 2
Input Noise Density 3
Input Noise Voltage 3
OUTPUT
Output Voltage Swing
Output Current
Settling Time to 1% 2 3
Bandwidth (-3dB) 3
TRANSFER CHARACTERISTICS
Slew Rate
Voltage Gain
Typ.
±15
±19
±2.0
±25
±50
±2
10
75
1.5
40
±12.5
±110
25
140
1500
0.99
Min.
±10
-
-
-
-
-
-
65
-
-
±12
±90
-
-
1000
0.97
Min.
±10
-
-
-
-
-
-
60
-
-
±12
±90
-
-
1000
0.95
Max.
±18
±25
±15
-
±500
-
-
-
-
-
-
-
-
-
-
-
Typ.
±15
±19
±5
-
±50
±2
10
75
1.5
40
±12.5
±110
25
140
1500
0.98
Units
V
mA
mV
µV/°C
mV
pA
nA
dB
µVRMS
nV/
√Hz
V
mA
nS
MHz
V/µS
V/V
MSK 0033B
MSK 0033
Parameter
Adjust to Zero
Adjust to Zero
12
12
Test Conditions
Unless otherwise specified ±VCC = ±15 VDC.
Measured within a high speed amplifier feedback loop.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Electrical specifications are derated for power supply voltages other than ±15VDC.
Measurement made 0.5 seconds after application of power. Actual DC continuous test limit is 2.5 nA at 25°C.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
ELECTRICAL SPECIFICATIONS
2
Rev. D 9/06
NOTES:
8
3
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com