Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK4900 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4900
Description  600V ISOLATED HALF BRIDGE GATE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4900 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4900 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4900 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4900 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4900 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4900 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4900 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
4900
600V ISOLATED
HALF BRIDGE
GATE DRIVER
FEATURES:
Floating Channels up to 600V
Up to 8 Amp Peak Source and Sink Current
De-Saturation Protection/Shutdown
Individual ON, OFF and Soft Shutdown Pins for Each IGBT Gate
Undervoltage Lockout
Simultaneous Conduction Lockout
Contact MSK for MIL-PRF-38534 Qualification Status
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 4900 is a complete isolated half bridge gate driver hybrid capable of working to 600V channel isolation and 8
amps peak turn-on and turn-off current. Housed in an isolated, convenient bolt-down hermetic package, the MSK 4900
houses the entire isolated DC-DC converter circuitry and opto-isolators for logic signals. The input logic prevents simulta-
neous conduction by locking out both high side and low side drives in case both inputs are asserted ON at the same time.
Each gate drive is capable of sourcing and sinking up to 8 amps peak current. The turn-on and turn-off pins are separate to
allow separate gate current control. Upon detection of a de-saturation condition, a FAULT is presented and the transistor is
shutdown by a separate controlled shutdown pin. The FAULT will have to be cleared before normal operation will begin
again. The MSK 4900 has good thermal conductivity due to an isolated substrate/package design that allows direct heat
sinking of the device without insulators.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
Inverter Bridge Gate Drive
Motor Control Gate Drive Bridge
1
PRELIMINARY
Rev. -
1/07
PIN-OUT INFORMATION
TBD


Similar Part No. - MSK4900

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
Up to 8 Amp Peak Source and Sink Current
More results

Similar Description - MSK4900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
logo
ON Semiconductor
NCV57200 ONSEMI-NCV57200 Datasheet
310Kb / 11P
Half Bridge Gate Driver(Isolated High & Non-Isolated Low)
December, 2019 ??Rev. 0
NCD57200 ONSEMI-NCD57200 Datasheet
735Kb / 18P
Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
July, 2020 ??Rev. 1
NCD57201 ONSEMI-NCD57201 Datasheet
674Kb / 18P
Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
January, 2021 ??Rev. 1
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M_V01 Datasheet
673Kb / 12P
600V HALF BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 August 2022
logo
ON Semiconductor
NCD57200 ONSEMI-NCD57200_V01 Datasheet
1Mb / 18P
Half Bridge Gate Driver (Isolated High & Non- Isolated Low)
November, 2022 - Rev. 2
NCV57200 ONSEMI-NCV57200_V01 Datasheet
432Kb / 11P
Half Bridge Gate Driver(Isolated High & Non- Isolated Low)
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com