Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3002-I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3002-I/P
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP3002-I/P Datasheet HTML 1Page - Microchip Technology MCP3002-I/P Datasheet HTML 2Page - Microchip Technology MCP3002-I/P Datasheet HTML 3Page - Microchip Technology MCP3002-I/P Datasheet HTML 4Page - Microchip Technology MCP3002-I/P Datasheet HTML 5Page - Microchip Technology MCP3002-I/P Datasheet HTML 6Page - Microchip Technology MCP3002-I/P Datasheet HTML 7Page - Microchip Technology MCP3002-I/P Datasheet HTML 8Page - Microchip Technology MCP3002-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 1
MCP3002
Features
• 10-bit resolution
• ±1 LSB maximum DNL
• ±1 LSB maximum INL
• Analog inputs programmable as single-ended or
pseudo-differential pairs
• On-chip sample and hold
• SPI serial interface (modes 0,0 and 1,1)
• Single supply operation: 2.7V - 5.5V
• 200 ksps max sampling rate at VDD = 5V
• 75 ksps max sampling rate at VDD = 2.7V
• Low power CMOS technology:
- 5 nA typical standby current, 2 µA maximum
- 550 µA maximum active current at 5V
• Industrial temperature range: -40°C to +85°C
• 8-pin MSOP, PDIP, SOIC and TSSOP packages
Applications
• Sensor Interface
• Process Control
• Data Acquisition
• Battery Operated Systems
Functional Block Diagram
Description
The MCP3002 is a successive approximation 10-bit
analog-to-digital (A/D) converter with on-board sample
and hold circuitry.
The MCP3002 is programmable to provide a single
pseudo-differential input pair or dual single-ended
inputs. Differential Nonlinearity (DNL) and Integral
Nonlinearity (INL) are both specified at ±1 LSB. Com-
munication with the device is done using a simple serial
interface compatible with the SPI protocol. The device
is capable of conversion rates of up to 200 ksps at 5V
and 75 ksps at 2.7V.
The MCP3002 operates over a broad voltage range,
2.7V to 5.5V. Low-current design permits operation with
a typical standby current of 5 nA and a typical active
current of 375 µA.
The MCP3002 is offered in 8-pin MSOP, PDIP, TSSOP
and 150 mil SOIC packages.
Package Types
Comparator
Sample
and
Hold
10-Bit SAR
DAC
Control Logic
CS/SHDN
VSS
VDD
CLK
DOUT
Shift
Register
CH0
Channel
Mux
Input
CH1
DIN
1
2
3
4
8
7
6
5
CH0
CH1
VSS
CS/SHDN
VDD/VREF
CLK
DOUT
DIN
MSOP, PDIP, SOIC, TSSOP
2.7V Dual Channel 10-Bit A/D Converter
with SPI Serial Interface


Similar Part No. - MCP3002-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3002-I/P MICROCHIP-MCP3002-I/P Datasheet
439Kb / 28P
2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3002-I/P MICROCHIP-MCP3002-I/P Datasheet
585Kb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results

Similar Description - MCP3002-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com