Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3002-I/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3002-I/ST Datasheet HTML 7Page - Microchip Technology MCP3002-I/ST Datasheet HTML 8Page - Microchip Technology MCP3002-I/ST Datasheet HTML 9Page - Microchip Technology MCP3002-I/ST Datasheet HTML 10Page - Microchip Technology MCP3002-I/ST Datasheet HTML 11Page - Microchip Technology MCP3002-I/ST Datasheet HTML 12Page - Microchip Technology MCP3002-I/ST Datasheet HTML 13Page - Microchip Technology MCP3002-I/ST Datasheet HTML 14Page - Microchip Technology MCP3002-I/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 11
MCP3002
Note: Unless otherwise indicated, VDD = 5V, fSAMPLE = 200 ksps, fCLK = 16* fSAMPLE, TA = +25°C.
FIGURE 2-31:
IDDS vs. VDD.
FIGURE 2-32:
IDDS vs. Temperature.
FIGURE 2-33:
Analog Input leakage
current vs. Temperature.
0
10
20
30
40
50
60
70
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
CS = VDD
0.01
0.10
1.00
10.00
100.00
-50
-25
0
255075
100
Temperature (°C)
VDD = CS = 5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
Temperature (°C)
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com