Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1613NH Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1613NH
Description  STANDARD TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1613NH Datasheet(HTML) 1 Page - STMicroelectronics

  T1613NH Datasheet HTML 1Page - STMicroelectronics T1613NH Datasheet HTML 2Page - STMicroelectronics T1613NH Datasheet HTML 3Page - STMicroelectronics T1613NH Datasheet HTML 4Page - STMicroelectronics T1613NH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - T1613NH

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
T161-160 NAINA-T161-160 Datasheet
102Kb / 2P
Phase Control Thyristors, 150A
logo
STMicroelectronics
T1610 STMICROELECTRONICS-T1610 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
T1610 STMICROELECTRONICS-T1610 Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
T1610 STMICROELECTRONICS-T1610 Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
Kersemi Electronic Co.,...
T1610 KERSEMI-T1610 Datasheet
347Kb / 6P
16 A Snubberless?? logic level and standard Triacs
More results

Similar Description - T1613NH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
STANDARD TRIACS
Mar-1995
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
STANDARD TRIACS
Mar-1995
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
STANDARD TRIACS
Oct-1998
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
STANDARD TRIACS
Mar-1995
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
STANDARD TRIACS
Mar-1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com