Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PISOTMP35BDFQR Datasheet(PDF) 15 Page - Texas Instruments

Part # PISOTMP35BDFQR
Description  ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PISOTMP35BDFQR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PISOTMP35BDFQR Datasheet HTML 11Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 12Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 13Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 14Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 15Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 16Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 17Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 18Page - Texas Instruments PISOTMP35BDFQR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
8.1.2 Load Regulation
Load regulation is how the analog output voltage of the ISOTMP35 will change as the output load current
changes, and is measured across temperature. Load regulation is important because when implementing the
ISOTMP35 with an ADC, the user can use an RC filter on the analog output. Knowing how the output voltage
will change based on the current pulled with different resistive and capacitive loads will help the user make
accurate temperature measurements with the ISOTMP35. See Figure 6-5 for more details on Load Regulation
and Section 8.1.6 for more details on how to use the ISOTMP35 with an ADC.
8.1.3 Start-Up Settling Time
The ISOTMP35 can support either a step input power supply or a ramp power supply. When powering
the device, consider the analog output settling time upon start-up. For a step VDD input, start-up time is
approximately 1 ms.
The ISOTMP35 can support either a step input power supply or a ramp power supply. When powering the
ISOTMP35, the user must keep in mind that the ISOTMP35 requires time to settle the analog output upon
start-up:
• For a step VDD input, start-up time is approximately 1 ms.
• For a ramp VDD input with a ramp rate of 5 V/ms, start-up time is approximately 1.25 ms.
See Figure 6-8 and Figure 6-9 for more information.
8.1.4 Thermal Response
The 7-pin SOIC package is designed to maximize the heat flow, and minimize the thermal response time, from
the TSENSE pins to the temperature sensor while also providing the 3 kVRMS isolation rating (UL1577).
8.1.5 External Buffer
In case of higher capacitance on the output or a long trace between the sensor and the ADC, a external buffer
can be added. This implementation is shown in Figure 8-1 for the signal to be temperature voltage to be sent
through a differential pair.
+
25
25
50
THP210
ISOTMP35
V
OUT
Figure 8-1. Buffering Prior to Sending Data Through a Differential Pair
8.1.6 ADC Selection and Impact on Accuracy
When connecting the ISOTMP35 analog output to an ADC, it is important to use an RC filter on the output.
Most ADCs have a sampled comparator input structure. When the sampling is active, a switch internal to the
ADC will charge an internal capacitor (CSAMPLE). The capacitor requires instantaneous charge from the analog
output source (ISOTMP35), so this will lead to voltage drops on the ISOTMP35 analog output, which will appear
as incorrect temperature reads. By placing a filter capacitor (CFILTER) load on the ISOTMP35 analog output, the
voltage drops are mitigated. This works because CFILTER will store charge from the analog output that the ADC
www.ti.com
ISOTMP35
SNIS232 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ISOTMP35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com