Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGY2021G Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CGY2021G
Description  DCS/PCS 2 W power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2021G Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CGY2021G Datasheet HTML 4Page - NXP Semiconductors CGY2021G Datasheet HTML 5Page - NXP Semiconductors CGY2021G Datasheet HTML 6Page - NXP Semiconductors CGY2021G Datasheet HTML 7Page - NXP Semiconductors CGY2021G Datasheet HTML 8Page - NXP Semiconductors CGY2021G Datasheet HTML 9Page - NXP Semiconductors CGY2021G Datasheet HTML 10Page - NXP Semiconductors CGY2021G Datasheet HTML 11Page - NXP Semiconductors CGY2021G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Apr 03
8
Philips Semiconductors
Preliminary specification
DCS/PCS 2 W power amplifier
CGY2021G
APPLICATION INFORMATION
Fig.3 Evaluation board schematic.
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45 44 43 42 41 40 39 38 37
12
MGD772
13 14 15 16 17 18
BAS70
BAS70
19 20 21 22 23 24
1 k
1 k
560
1 k
39 pF
100
180
39
−90 µA
12 pF
12 pF
0.8 to 3 V
BSR14
PHP109
6
nH
1 nF
1.25 V
36
35
34
33
32
31
30
29
28
27
26
25
10
pF
1 nF
100
pF
1.5
pF
22
pF
1
nF
C2(3) C3(3)
C1(3)
10 nF
DC output
Vdiode
Vcontrol
VDD
Vbat
3.6 V
PA
output
−1.6 V
10 pF
CGY2021G
VGG1
VGG
RFO/VDD4
VDD3
VDD2
VDD1
VGG2
RFI
DETO
10
pF
47
TRL2 (2)
82
PA
input
TRL1(1)
All capacitors are type: SMD0603.
Thickness: 0.8 mm; substrate: FR4;
εr = 4.7.
(1) TRL1: width = 0.3 mm; length = 16 mm.
(2) TRL2: width = 0.5 mm; length = 10 mm.
(3) the component values are:
SYSTEM
C1 (pF)
C2 (pF)
C3 (pF)
DCS
2.2
1.8
2.2
PCS
1.5
1.5
2.2
1.8
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com