Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P1 Datasheet(PDF) 84 Page - Texas Instruments

Part # AM263P1
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P1 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM263P1 Datasheet HTML 80Page - Texas Instruments AM263P1 Datasheet HTML 81Page - Texas Instruments AM263P1 Datasheet HTML 82Page - Texas Instruments AM263P1 Datasheet HTML 83Page - Texas Instruments AM263P1 Datasheet HTML 84Page - Texas Instruments AM263P1 Datasheet HTML 85Page - Texas Instruments AM263P1 Datasheet HTML 86Page - Texas Instruments AM263P1 Datasheet HTML 87Page - Texas Instruments AM263P1 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
6.11.2 Power Supply Sequencing
This section describes power supply sequencing required to ensure proper device operation.
6.11.2.1 Power-On and Reset Sequencing
AM263Px attempts to simplify the power reset requirements from previous Sitara MCU devices. There is no
sequencing requirement with respect to the primary core digital VDD 1.2-V and I/O power 3.3-V rails. There are
two on-die LDO that are supplied through the VDDS33 and VDDA33 power nets respectively. These on-die LDO
generate the required VDDS1V8 and VDDA1V8 1.8-V digital and analog power. The AM263Px does require the
minimum ramp time be respected for 3.3-V power-on. Additional PORz and SOP boot mode latch timing must be
respected by the EVM design as well. Figure 6-2 describes the device power-on sequencing.
Table 6-2. AM263Px Power-On Sequencing
PARAMETER
MIN
MAX
UNIT
tStartup
Time for 1.2-V and 3.3-V DC-DC converters to startup after being enabled. This is an
arbitrary amount of time - no constraint imposed by the device.
–
–
ms
tPGood
Time for Power Good signals to be generated from DC-DC converters after rails are
stable. This is an arbitrary amount of time - no constraint imposed by the device.
–
–
ms
tRamp_3V3
Ramp time of the VDDS3V3 and VDDA3V3 supplies. This is a requirement imposed by
the device.
0.1
–
ms
tSOP_Sampled
Time from PORz de-assertion until the SOP[3:0] pins are sampled. This is a device
internal pentameter. Sampling happens when the internally generated supplies are
stable. For information only. Refer to TSU_SOP and TH_SOP parameters for application
usage.
0
–
ms
tSU_SOP
Setup time for SOP relative to PORz assertion.
10
–
μs
tH_SOP
Hold time for SOP relative to WARMRSTn deassertion.
0
–
μs
tWARMRSTn
Time from PORz de-assertion until the device de-asserts the WARMRESETn signal.
2.0
–
ms
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com