Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REC5-0512DRWH2AM Datasheet(PDF) 2 Page - Recom International Power

Part # REC5-0512DRWH2AM
Description  5 Watt DIP24 & SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-0512DRWH2AM Datasheet(HTML) 2 Page - Recom International Power

  REC5-0512DRWH2AM Datasheet HTML 1Page - Recom International Power REC5-0512DRWH2AM Datasheet HTML 2Page - Recom International Power REC5-0512DRWH2AM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.recom-international.com
November 2006
100
20
(2W) 40
100
50
0
75
125
Operating Temperature °C
0
80
Safe Operating Area
105
-40
95
(3W) 60
25
Derating-Graph
(Ambient Temperature)
Input Voltage Range
2:1 & 4:1
Output Voltage Accuracy
±2% max.
Line Regulation (HL-LL)
±0.3% max.
Load Regulation (for output load current change from 20% to 100%)
±0.6% max.
Output Ripple and Noise (0,1µF capacitor on output, 20MHz BW)
50mVp-p max.
Operating Frequency at Full Load
2:1 input
120kHz typ.
(at nominal input voltage)
4:1 input
200kHz typ.
Input Filter
Pi Network
Efficiency at Full Load
see above
No Load Power Consumption
300mW max.
Isolation Voltage H1/SMD Pinout and metal case
(tested for 1 second)
1000VDC min.
Isolation Voltage H2/SMD Pinout and metal case
(tested for 1 second)
2000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H1 types
(tested for 1 second)
1000VDC min.
Isolation Voltage
H2 types
(tested for 1 second)
2000VDC min.
Isolation Voltage
H3 types
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
60pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous, Auto Restart
Operating Temperature (free air convection)
-40°C to +75°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
13g
MTBF (+25°C)
using MIL-HDBK 217F
850 x 10
3hours
(+75°C)
using MIL-HDBK 217F
206 x 10
3hours
Specifications (Core Operating Area)
REC5-S_DRW/H*
Series
ECONOLINE
DC/DC-Converter
}
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Package A
Pin Connections
Pin #
Single
Dual
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
–Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
Detailed Information see
Application Notes chapter "MTBF"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com