Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTL2004PWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL2004PWDH
Description  Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2004PWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL2004PWDH Datasheet HTML 2Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 3Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 4Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 5Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 6Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 7Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 8Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 9Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
GTL2004
Quad GTL/GTL+ to LVTTL/TTL
bidirectional latched translator
1999 Jul 19
7
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
Test Circuit for switching times
DEFINITIONS
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
50pF
RL = 500Ω
SW00471
Figure 1. Load circuitry for switching times
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
25
Ω
30pF
VTT
SW00332
Figure 2. Load circuit for A outputs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com