Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCDA08CS-4 Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # LCDA08CS-4
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LCDA08CS-4 Datasheet(HTML) 1 Page - UN Semiconducctor INC

  LCDA08CS-4 Datasheet HTML 1Page - UN Semiconducctor INC LCDA08CS-4 Datasheet HTML 2Page - UN Semiconducctor INC LCDA08CS-4 Datasheet HTML 3Page - UN Semiconducctor INC LCDA08CS-4 Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The LCDAXXCS-4 series is in an SOP-08 package and may be used to
protect two high-speed line pairs.This product has been qualified in
accordance with the Automotive Electronics Council (AEC) standard
Q101 , It is suitable for use in automotive applications. Excellent clamping
capability, low leakage, and fast response time, make these parts ideal for
ESD protection on designs where board space is at a premium.
LCDAXXCS-4 Series
Feature
Description
Applications
ROHS
Revision March 1,2022
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Mechanical Data
JEDEC SOP-08 Package
Molding Compound Flammability Rating : UL 94V-0
Weight 70 Milligrams (Approximate)
Lead Finish : Lead Free
Moisture Sensitivity Level (MSL -1)
AEC-Q101 qualified
500~600 Watts Peak Pulse Power per Line (tp=8/20µs)
Protects four I/O Lines
Low capacitance
RoHS compliant
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-2(ESD) ±15kV(air),±8kV(contact)
Functional Diagram
High-Speed Data Lines
Microprocessor Based Equipment
Test & Measurement Equipment
Notebooks, Desktops, and Servers
Instrumentation
Audio/Video Inputs
LAN/WAN Equipment
Peripherals
Transient Voltage Suppressors for ESD Protection
Mechanical Characteristics
Parameter
Symbol
Value
Units
Peak Pulse Power (Tp=8/20μs waveform)
Lead Soldering Temperature
Storage Temperature Range
Operating Junction Temperature Range
Ppp
TL
TSTG
TJ
500-600
260 (10 sec.)
-55 to +150
-40 to +125
Watts
°C
°C
°C


Similar Part No. - LCDA08CS-4

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCDA08C-8 LEIDITECH-LCDA08C-8 Datasheet
223Kb / 3P
USB 2.0 power and data line
logo
UN Semiconducctor INC
LCDA08C-8 UNSEMI-LCDA08C-8 Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - LCDA08CS-4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com