Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCDA15CS-4 Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # LCDA15CS-4
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LCDA15CS-4 Datasheet(HTML) 2 Page - UN Semiconducctor INC

  LCDA15CS-4 Datasheet HTML 1Page - UN Semiconducctor INC LCDA15CS-4 Datasheet HTML 2Page - UN Semiconducctor INC LCDA15CS-4 Datasheet HTML 3Page - UN Semiconducctor INC LCDA15CS-4 Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
Fig2. Power Rating Derating Curve
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
LCDAXXCS-4 Series
Transient Voltage Suppressors for ESD Protection
Fig3. ESD Pulse Waveform(according to IEC61000-4-2)
100%
90%
10%
tr
30ns
=
Time
60ns
Fig1. 8/20μs Pulse Waveform
0
5
10
15
20
25 30
120
tr
100
80
60
40
Peak Value IPP
20
0
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (μs)
LCDA05CS-4
LCDA08CS-4
LCDA12CS-4
LCDA15CS-4
LCDA18CS-4
LCDA24CS-4
LCDA05C-4
LCDA08C-4
LCDA12C-4
LCDA15C-4
LCDA18C-4
LCDA24C-4
5
8
12
15
18
24
6
8.5
13.3
16.7
19.4
26.7
1.0
1.0
1.0
1.0
1.0
1.0
9.8
10.5
16.0
20.0
23.5
33.2
1.0
1.0
1.0
1.0
1.0
1.0
25
27
30
35
40
50
24
22
20
18
15
10
10
10
10
10
10
10
Part Number
Device
Marking
Code
Stand-Off
Voltage
VRMW
(V)
Breakdown
Voltage
VBR (Min.)
(V)
Maximum
Reverse
Leakage IR
@VRWM(uA)
Typical
Junction
Capacitance
(pF)
Test
Current
IT
(mA)
VC
@1A
(Max.)
(Max.)
(@A)
VC
0
20 40 60 80 100 120 140 160 180 200
100
40
30
20
10
0
90
80
60
50
Ambient Temperature – TA (ºC)
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com