Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTL2005PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2005PW
Description  Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2005PW Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2005PW Datasheet HTML 1Page - NXP Semiconductors GTL2005PW Datasheet HTML 2Page - NXP Semiconductors GTL2005PW Datasheet HTML 3Page - NXP Semiconductors GTL2005PW Datasheet HTML 4Page - NXP Semiconductors GTL2005PW Datasheet HTML 5Page - NXP Semiconductors GTL2005PW Datasheet HTML 6Page - NXP Semiconductors GTL2005PW Datasheet HTML 7Page - NXP Semiconductors GTL2005PW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
GTL2005
Quad GTL/GTL+ to LVTTL/TTL
bidirectional non-latched translator
2
1999 Sep 17
853–2171 22353
FEATURES
• Operates as a quad GTL/GTL+ sampling receiver or as a
LVTTL/TTL to GTL/GTL+ driver
• Quad bidirectional bus interface
• Live insertion/extraction permitted
• Latch-up protection exceeds 500 mA per JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114, and
1000 V CDM per JESD22-CC101
DESCRIPTION
The GTL2005 is a quad translating transceiver designed for 3.3 V
system interface with a GTL/GTL+ bus.
The direction pin allows the part to function as either a GTL to TTL
sampling receiver or as a TTL to GTL interface.
PIN CONFIGURATION
14
13
12
10
11
9
8
7
6
5
4
3
2
1
DIR
GND
B3
B2
GND
B1
B0
VCC
GND
A3
A2
GTLREF
A1
A0
SW00321
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
B to A
A to B
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50 pF; VCC = 3.3 V
2.1
1.9
4.1
4.3
ns
CIN
Input capacitance DIR
VI = 0 V or VCC
3.0
3.0
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0 V or 3.0 V
7.8
4.5
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
14-Pin Plastic TSSOP Type II
–40
°C to +85°C
GTL2005 PW DH
SOT402-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
DIR
Direction control input
2, 3, 5, 6
A0 – A3
Data inputs/outputs (A side, GTL)
13, 12, 10, 9
B0 – B3
Data inputs/outputs (B side, TTL)
4
GTLREF
GTL reference voltage
7, 8, 11
GND
Ground (0 V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUT
INPUT/OUTPUT
DIR
B
A
H
Inputs
Bn = An
L
An = Bn
Inputs
H = HIGH voltage level
L = LOW voltage level
LOGIC SYMBOL
A0
A1
A2
A3
B0
B1
B2
B3
GTLREF
DIR
SW00320



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com