| Electronic Components Datasheet Search |
|
HC900 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
HC900 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center |
|
1 / 26 page ![]() ControlEdge HC900 Controller Specifications 51-52-03-31, April 2021 Overview The Honeywell ControlEdge HC900 Controller is an advanced loop and logic controller offering a modular design sized to satisfy the control and data management needs of a wide range of process equipment. When combined with the optional 900 Control Station operator Interface that is highl y integrated with the controller’s database, configuration and setup time is minimized. This powerful combination together with Honeywell’s performance proven control technology provides users an ideal solution for process control. Open Ethernet connectivity with Modbus TCP Protocol also allows network access using a variety of HMI/SCADA software. Program execution environment is protected using an independent watchdog timer. Easy-to-use Windows-based Designer software, operable over Ethernet or RS485 port (isolated) simplifies controller configuration. The software is available in English and Chinese language version. It provides advanced monitoring functions for debug, allows run-mode process configuration changes while maintaining process control, uploads the complete, annotated graphic controller configuration, plus supplies an array of reports for enhanced documentation. The ControlEdge HC900 Controller provides superior PID loop control and more robust analog processing than most logic controllers without compromising logic performance. A separate, fast scan cycle executes a rich assortment of logic and calculation function blocks. Logic blocks may also execute in the same scan with analog function blocks for time critical events. These function blocks may be fully integrated into a combined analog and logic control strategy for uncompromising control performance. For more information see specification sheets: • ControlEdge 900 Platform Modules Specs 51-52-03-41 • Designer Software Specs 51-52-03-43 Applications Mining & Metals Furnaces, Kilns, Boilers Chemicals, Extruders Autoclaves Pharmaceuticals Sterilizers, Dryers Rail/ Infrastructure Burner Management, HVAC/ DataCenters Combustion Control Pulp & Paper Emergency Shutdown Cement & Glass Pipeline Monitoring, Power Spill Prevention Features Summary • Supports Split Rack Redundancy • Supports Honeywell FDM (Field Device Manager) using HART IP • Supports HART function blocks (Command 3 and 48) Note: UIO Module is required for HART support • Non-redundant and Redundant Architectures • Sequence of events support (SOE) • Redundant and Non-redundant Safety Universal IO • PID Control with advanced Accutune III auto-tuning • Safety peer communication between ControlEdge HC900 controllers • External watchdog timer with independent clocks that detect spurious CPU lockups • Adjustable recipe pool memory lets you allocate memory for recipes, SP Profiles, sequences and schedules to meet your needs • Up to 4608 points with remote I/O • Boolean Logic programming. Robust assortment of over 100 algorithms |
Similar Part No. - HC900 |
|
Similar Description - HC900 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |