Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X7R Datasheet(PDF) 18 Page - EPCOS

Part # X7R
Description  Multilayer ceramic capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 18 Page - EPCOS

Back Button X7R Datasheet HTML 11Page - EPCOS X7R Datasheet HTML 12Page - EPCOS X7R Datasheet HTML 13Page - EPCOS X7R Datasheet HTML 14Page - EPCOS X7R Datasheet HTML 15Page - EPCOS X7R Datasheet HTML 16Page - EPCOS X7R Datasheet HTML 17Page - EPCOS X7R Datasheet HTML 18Page - EPCOS X7R Datasheet HTML 19Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Multilayer ceramic capacitors
18
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Further information
Please see General Technical Information at www.epcos.com/ceramic_capacitors or the data book
“Multilayer Ceramic Capacitors” for further information on:
Soldering directions
Taping and packing
Surface mounting instructions
Effects of mechanical stress
Cautions and warnings
Derating: A “state of the art” application design is essential to achieve failures rates at ppb level.
Do not use designs based on 100% of specified rated values.
AC applications may damage MLSC on a much lower level than DC voltage due to power dissi-
pation losses.
Mechanical stress - Please note EPCOS “General Technical Information”, “Surface mounting in-
structions” and information about the effect of mechanical stress.
ESD - EPCOS recommends the use of varistors.
Further processing - care must be taken using moulding processes.
Combined stresses - the total stress (e.g. DC voltage, AC ripple, pulses and temperature) has to
be taken into account to estimate reliability of MLSC.
Typical characteristics
Insulation resistance Rins versus
temperature T
Capacitance change
ΔC/C
1 versus
time t
KKE0190-M
0
T
ins
˚C
8
10
Ω
10 6
10 5
10 4
10 3
10 2
M
R
20
40
60
80
100
140
KKE0191-V
t
10 0
1
10
2
10
3
10
h
C
Δ
1
C
0
%
10
5
_
10
_
15
_
20
_
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com