Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82796 Datasheet(PDF) 2 Page - EPCOS

Part # B82796
Description  Data Line Chokes for ISDN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82796 Datasheet(HTML) 2 Page - EPCOS

  B82796 Datasheet HTML 1Page - EPCOS B82796 Datasheet HTML 2Page - EPCOS B82796 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61
04/02
S0 Interface
Data Line Chokes for ISDN
General technical data
Characteristics and ordering codes
Higher L values upon request.
Rated voltage VR
42 Vac (50/60 Hz)
80 Vdc
Rated current IR
Referred to 50 Hz and 60
°C ambient temperature
Rated inductance LR
Measured with HP 4275A;
Measured frequency forL
≤ 1 mH = 100 kHz, 0,1 mA
L > 1 mH = 10 kHz, 0,1 mA
(specified per winding)
Inductance tolerance
–30 %/+50 %
Inductance decrease
∆L/L
0
< 10 % at dc magnetic bias with IR
Stray inductance LS
Measured at 100 kHz and 5 mA
DC resistance Rtyp
Typical values, measured at 20
°C ambient temperature
Climatic category
40/125/56 (–40
°C/+125 °C/56 days damp heat test)
in accordance with IEC 60068-1
Weight
Approx. 0,4 g
LR
mH
LS, typ
nH
IR
mA
Rtyp
Ω
VT
Vdc, 2 s
Ordering code
0,011
50
200
0,12
750
B82796C2113N201
0,047
100
150
0,15
750
B82796C2473N201
0,47
200
100
0,35
750
B82796C2474N215
2,2
250
100
0,40
750
B82796C2225N265
B82796C2...



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com