Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN54/74LS42 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54/74LS42
Description  ONE-OF-TEN DECODER LOW POWER SCHOTTKY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54/74LS42 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54/74LS42 Datasheet HTML 1Page - Motorola, Inc SN54/74LS42 Datasheet HTML 2Page - Motorola, Inc SN54/74LS42 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-1
FAST AND LS TTL DATA
ONE-OF-TEN DECODER
The LSTTL / MSI SN54 / 74LS42 is a Multipurpose Decoder designed to ac-
cept four BCD inputs and provide ten mutually exclusive outputs. The LS42
is fabricated with the Schottky barrier diode process for high speed and is
completely compatible with all Motorola TTL families.
• Multifunction Capability
• Mutually Exclusive Outputs
• Demultiplexing Capability
• Input Clamp Diodes Limit High Speed Termination Effects
14
13
12
11
10
9
12345
6
VCC
7
16
15
8
A0
A1
A2
A3
9
8
7
0
1
2
3
4
5
6
GND
NOTE:
The Flatpak version has the
same pinouts (Connection
Diagram) as the Dual In-Line
Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
PIN NAMES
LOADING (Note a)
HIGH
LOW
A0 – A3
0 to 9
Address Inputs
Outputs, Active LOW (Note b)
0.5 U.L.
10 U.L.
0.25 U.L.
5(2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
3
LOGIC DIAGRAM
14
45
10
11
12
13
15
12
67
9
1
2
3
4
5
6
0
A0
A1
A2
A3
9
8
7
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
SN54/74LS42
ONE-OF-TEN DECODER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
15
14
13
12
01 2 3 4 5 6 7 8 9
1 2 3 4 56 79 10 11
A0 A1
A2
A3


Similar Part No. - SN54/74LS42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54/74LS112A MOTOROLA-SN54/74LS112A Datasheet
147Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54/74LS114A MOTOROLA-SN54/74LS114A Datasheet
149Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54/74LS247 MOTOROLA-SN54/74LS247 Datasheet
280Kb / 8P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54/74LS248 MOTOROLA-SN54/74LS248 Datasheet
280Kb / 8P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54/74LS249 MOTOROLA-SN54/74LS249 Datasheet
280Kb / 8P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results

Similar Description - SN54/74LS42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
ONE-OF-TEN DECODER
logo
STMicroelectronics
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
PAL/NTSC ONE-CHIP DECODER
Jun-1993
logo
NXP Semiconductors
74AUP1G19 NXP-74AUP1G19 Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310 Datasheet
1Mb / 28P
Ten-Output Low-Jitter Low-Power Clock Buffer
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
Distributes one clock input to one bank of ten outputs
logo
Texas Instruments
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
Low-Power Tone Decoder
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com