Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1855CD Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1855CD
Description  8-Bit Programmable Multiply/Divide Unit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855CD Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1855CD Datasheet HTML 1Page - Intersil Corporation CDP1855CD Datasheet HTML 2Page - Intersil Corporation CDP1855CD Datasheet HTML 3Page - Intersil Corporation CDP1855CD Datasheet HTML 4Page - Intersil Corporation CDP1855CD Datasheet HTML 5Page - Intersil Corporation CDP1855CD Datasheet HTML 6Page - Intersil Corporation CDP1855CD Datasheet HTML 7Page - Intersil Corporation CDP1855CD Datasheet HTML 8Page - Intersil Corporation CDP1855CD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All voltage values referenced to VSS terminal)
CDP1855 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to +11V
CDP1855C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
55
N/A
SBDIP Package. . . . . . . . . . . . . . . . . .
50
12
Device Dissipation Per Output Transistor
For TA = Full Package-Temperature Range
(All Package Types). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA) . . . . . . . . . . . . .-40
oC to +85oC
Storage Temperature Range (TSTg) . . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± 1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Static Electrical Specifications At TA = -40 to +85oC, VDD ±10%, Unless Otherwise Specified
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1855
CDP1855C
MIN
(NOTE1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-
0.01
50
-
0.02
200
µA
-
0, 10
10
-
1
200
-
-
-
µA
Output Low Drive (Sink)
Current
IOL
0.4
0, 5
5
1.6
3.2
-
1.6
3.2
-
mA
0.5
0, 10
10
2.6
5.2
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-1.15
-2.3
-
-1.15
-2.3
-
mA
9.5
0, 10
10
-2.6
-5.2
-
-
-
-
mA
Output Voltage Low Level
(Note 2)
VOL
-0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage High Level
(Note 2)
VOH
-0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 9.5
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 9.5
-
10
7
-
-
-
-
-
V
Input Leakage Current
IIN
-0, 5
5
-
-
±1-
-
±1
µA
-
0, 10
10
-
-
±1-
-
-
µA
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
-
±1-
-
±1
µA
0, 10
0, 10
10
-
-
±10
-
-
-
µA
Operating Current
(Note 3)
IDD1
-0, 5
5
-
1.5
-
-
1.5
3
mA
-
0, 10
10
-
6
12
-
-
-
mA
Input Capacitance
CIN
-
---
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. IOL = IOH = 1µA
3. Operating current is measured at 3.2MHz with open outputs.
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com