Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT1642 Datasheet(PDF) 3 Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD

Part # CT1642
Description  LED-based digital tube drive control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CORETECH [SHENZHEN CORETECH MICROELECTRONICS CO., LTD]
Direct Link  www.coretechic.com
Logo CORETECH - SHENZHEN CORETECH MICROELECTRONICS CO., LTD

CT1642 Datasheet(HTML) 3 Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD

  CT1642 Datasheet HTML 1Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT1642 Datasheet HTML 2Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT1642 Datasheet HTML 3Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT1642 Datasheet HTML 4Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT1642 Datasheet HTML 5Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT1642 Datasheet HTML 6Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD CT1642 Datasheet HTML 7Page - SHENZHEN CORETECH MICROELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev 2.0
2009-6-29
www.coretechic.com
1、数据移位:从 DATA 端输入数据,在 CLK 上升沿的作用下一次性 18 位数据输
入到移位寄存器内;
2、数据锁存:将 CLK 置为 1,打开缓冲器,通过 DATA 端的上升沿脉冲将 18Bit
移位寄存器内的数据一次性输出到 18Bit 锁存器;同时由于 CLK 为 1,在 DATA 上升沿
的作用 D 触发器输出为 0,将输出关闭。
3、数据输出:将 CLK 置为 0,关闭 18Bit 锁存器缓冲器;同时在 DATA 上升沿的
作用下使 D 触发器输出为 1,打开输出缓冲器。
五、电气参数
1、基本参数
Min
Typ
Max
测试条件
1
V
DD
工作电压
3.0
3.3/5.0
5.5
V
25
mA VDD=5.0V,Ta = 25℃
2
I
OQ
Q 端(段选)输出电流
15
mA VDD=3.3V,Ta = 25℃
-300 mA VDD=5.0V,Ta = 25℃
3
I
OC
C 端(位选)输出电流
-200 mA VDD=3.3V,Ta = 25℃
4
Ta
工作温度
-40
+80
5
Ts
存储温度
-65
+150 ℃
2、直流参数(Ta = 25℃)
Min
Typ
Max
测试条件
1
V
IH
高电平输入电压
0.6VDD
-
VDD
V
-
2
V
IL
低电平输入电压
0
-
0.3VDD
V
-
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com