Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8N60F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # CS8N60F
Description  N-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

CS8N60F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  CS8N60F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. CS8N60F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
佛 山
市 蓝 箭 电 子 股 份 有 限 公 司
FOSHAN BLUE ROCKET ELECTRONICS CO., LTD.
BRF8N60(CS8N60F)
N-Channel MOSFET/N 沟 MOS 晶体管
用途:用于高效 DC/DC 转换和功率开关。
Purpose: These devices are well suited for high efficiency switching DC/DC converters
and switch mode power supplies.
特点: 低栅电荷,低反馈电容,开关速度快。
Features: Low gate charge, low crss, fast switching.
极限参数/Absolute maximum ratings(Ta=25℃)
电性能参数/Electrical Characteristics(Ta=25℃)
参数符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
BV
DSS
V
GS=0V
I
D=250μA
600
V
V
DS=600V
V
GS=0V
1.0
μA
I
DSS
V
DS=480V
T
C=125℃
10
μA
I
GSS
V
GS=±30V
V
DS=0V
±0.1
μA
V
GS(th)
V
DS=VGS
I
D=250μA
2.0
4.0
V
R
DS(on)
V
GS=10V
I
D=3.75A
1.0
1.2
Ω
g
FS
V
DS=40V
I
D=3.75A
8.7
S
V
SD
V
GS=0V
I
S=7.5A
1.4
V
C
iss
965
1255
C
oss
105
135
C
rss
V
DS=25V
V
GS=0V
f=1.0MHz
12
16
pF
t
d(on)
16.5
45
t
r
60.5
130
t
d(off)
81
170
t
f
V
DD=300V
I
D=7.5A
R
G=25Ω
64.5
140
ns
参数符号
Symbol
数值
Rating
单位
Unit
V
DSS
600
V
I
D(Tc=25℃)
7.5
A
I
D(Tc=100℃)
4.6
A
I
DM
30
A
V
GSS
±30
V
E
AS
230
mJ
E
AR
10
mJ
I
AR
7.5
A
P
D(Tc=25℃)
48
W
T
J,TSTG
-55 to 150


Similar Part No. - CS8N60F

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
CS8N60 FOSHAN-CS8N60 Datasheet
236Kb / 2P
N-Channel MOSFET
More results

Similar Description - CS8N60F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com