Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4027 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 4027
Description  Dual JK flip-flop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4027 Datasheet(HTML) 3 Page - NXP Semiconductors

  4027 Datasheet HTML 1Page - NXP Semiconductors 4027 Datasheet HTML 2Page - NXP Semiconductors 4027 Datasheet HTML 3Page - NXP Semiconductors 4027 Datasheet HTML 4Page - NXP Semiconductors 4027 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
January 1995
3
Philips Semiconductors
Product specification
Dual JK flip-flop
HEF4027B
flip-flops
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ O, O
5
105
210 ns
78 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
40
80 ns
29 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
5
85
170 ns
58 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
70 ns
27 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
SD → O
5
70
140 ns
43 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
60 ns
19 ns
+ (0,23 ns/pF) CL
15
25
50 ns
17 ns
+ (0,16 ns/pF) CL
CD → O
5
120
240 ns
93 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90 ns
33 ns
+ (0,23 ns/pF) CL
15
35
70 ns
27 ns
+ (0,16 ns/pF) CL
SD → O
5
140
280 ns
113 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110 ns
44 ns
+ (0,23 ns/pF) CL
15
40
80 ns
32 ns
+ (0,16 ns/pF) CL
Fig.3 Logic diagram (one flip-flop).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com