Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1883CE Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1883CE
Description  CMOS 7-Bit Latch and Decoder Memory Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1883CE Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1883CE Datasheet HTML 1Page - Intersil Corporation CDP1883CE Datasheet HTML 2Page - Intersil Corporation CDP1883CE Datasheet HTML 3Page - Intersil Corporation CDP1883CE Datasheet HTML 4Page - Intersil Corporation CDP1883CE Datasheet HTML 5Page - Intersil Corporation CDP1883CE Datasheet HTML 6Page - Intersil Corporation CDP1883CE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
130
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1883 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1883C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± 1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and opera-
tion of the device at these or any other conditions above those indicated in the operation section of this specification is not implied.
Recommended Operating Conditions
At TA = Full Package Temperature Range. For maximum reliability, operating condi-
tions should be selected so that operation is always within the following ranges:
PARAMETER
SYMBOL
CDP1883
CDP1883C
UNITS
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input Voltage Range
VSS
VDD
VSS
VDD
V
Static Electrical Specifications
At TA = -40
oC to +85oC, V
DD ± 5%, Except as Noted:
PARAMETER
SYMBOL
CONDITIONS
CDP1883
CDP1883C
UNITS
VO
(V)
VIN
(V)
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-1
10
-5
50
µA
-
0, 10
10
-
10
100
-
-
-
µA
Output Low Drive
(Sink) Current
IOL
0.4
0, 5
5
1.6
3.2
-
1.6
3.2
-
mA
0.5
0, 10
10
3.2
6.4
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-1.15
-2.3
-
-1.15
-2.3
-
mA
9.5
0, 10
10
-2.3
-4.6
-
-
-
-
mA
Output Voltage
Low-Level (Note 2)
VOL
-0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
High-Level (Note 2)
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 9.5
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 9.5
-
10
7
-
-
-
-
-
V
Input Leakage Current
IIN
Any
Input
0, 5
5
-
-
±1-
-
±1
µA
0, 10
10
-
-
±2-
-
-
µA
Operating Current
(Note 3)
IDD1
0, 5
0, 5
5
-
-
2
-
-
2
mA
0, 10
0, 10
10
-
-
4
-
-
-
mA
CDP1883, CDP1883C



Html Pages

1 2 3 4 5 6 7