Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS374DMSR Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCS374DMSR
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS374DMSR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCS374DMSR Datasheet HTML 2Page - Intersil Corporation HCS374DMSR Datasheet HTML 3Page - Intersil Corporation HCS374DMSR Datasheet HTML 4Page - Intersil Corporation HCS374DMSR Datasheet HTML 5Page - Intersil Corporation HCS374DMSR Datasheet HTML 6Page - Intersil Corporation HCS374DMSR Datasheet HTML 7Page - Intersil Corporation HCS374DMSR Datasheet HTML 8Page - Intersil Corporation HCS374DMSR Datasheet HTML 9Page - Intersil Corporation HCS374DMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HCS374MS
Die Characteristics
DIE DIMENSIONS:
108 x 106 mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å ± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å ± 2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCS374MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCS374 is TA14304B.
D1 (4)
Q1 (5)
Q2 (6)
D2 (7)
(8)
D3
(9)
Q3
(10)
GND
(11)
CP
(12)
Q4
(13)
D4
(18) D7
(17) D6
(16) Q6
(15) Q5
(14) D5
Q0
(2)
D0
(3)
OE
(1)
VCC
(20)
Q7
(19)
Spec Number
518770



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com