Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
Page 53
nRF51802 Product Specification v1.2
8.9
Serial Peripheral Interface (SPI) Master specifications
Table 44 SPI specifications
Figure 12 SPI timing diagram, one byte transmission, SPI mode 0
Table 45 SPI timing parameters
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ISPI125K
Run current for SPI master at 125 kbps.
180
μA
1
ISPI4M
Run current for SPI master at 4 Mbps.
200
μA
1
fSPI
Bit rates for SPI.
0.125
4
Mbps
N/A
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tDC
Data to SCK setup.
10
ns
1
tDH
SCK to Data hold.
10
ns
1
tCD
SCK to Data valid.
CLOAD = 10 pF
971
1. Increases/decreases with 1.2 ns/pF load.
ns
1
tCL
SCK Low time.
40
ns
1
tCH
SCK High time.
40
ns
1
fSCK
SCK Frequency.
0.125
4
MHz
1
tR,tF
SCK Rise and Fall time.
100
ns
1
b7
b6
b0
b7
b0
tCD
tDH
tDC
tCL
tCH
SCK
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com