Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT48R02C Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT48R02C
Description  Small Form 8-Bit OTP MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02C Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48R02C Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Rev. 0.00
12
August 31, 2009
HT46R01C/HT46R02C/HT48R01C/HT48R02C
8-pin MSOP 外形尺寸
外形尺寸
外形尺寸
外形尺寸
•
••
• MO-187
尺寸
尺寸
尺寸
尺寸(单位
单位
单位
单位:
:
:
:mil)
符号
符号
符号
符号
最小值
最小值
最小值
最小值
典型值
典型值
典型值
典型值
最
最
最
最大
大
大
大值
值
值
值
A
-
-
1.10
A1
0.00
-
0.15
A2
0.75
-
0.95
B
0.22
-
0.33
C
0.08
-
0.23
D
-
3.0
-
E
-
4.9
-
E1
-
3.0
-
e
-
0.65
-
L
0.4
-
0.8
L1
-
0.95
-
y
-
-
0.1
θ
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com