Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC42D Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # PC42D
Description  4-Inch Direct Thermal Desktop Printer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PC42D Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  PC42D Datasheet HTML 1Page - Honeywell Solid State Electronics Center PC42D Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A powerful and reliable desktop printer, the
PC42d printer is well suited for a variety of low-
to mid-intensity thermal printing applications.
Featuring a solid double-layer housing,
easy paper-loading design, and media
auto-centering function, the compact and
elegant PC42d printer is easy to operate.
Powerful and reliable, the PC42d printer is well suited for a variety of low-to-
mid intensity thermal printing applications – such as electronic express and
logistics waybills, healthcare laboratory labels and wristbands, retail price tags
and receipts, distribution center routing labels, boarding passes, and the like.
With printing speed up to 200 mm/s (8 ips) and a high-speed processor
(ARM926 core and 400 MHz), the PC42d printer can process high-volume tasks
efficiently. And with 128 MB Flash and 64 MB SDRAM, which is several times
larger than its competitors and supports up to a 32 GB USB expansion, the PC42d
printer provides strong tag data pre-processing and caching capabilities.
The PC42d printer delivers flexible industry-standard connectivity, with up to
four built-in interface options: standard USB device and USB host, plus serial or
Ethernet. With the rich interfaces, the PC42d printer easily integrates into virtually
any application environment. The PC42d printer supports ZPL-II and EPL emulation,
along with DPL and Direct Protocol (DP), and auto-senses the printing languages
without any pre-setting, providing an easy upgrade path for competitive printers.
With a high-quality printhead, advanced thermal management algorithms,
and broad thermal media compatibility, the PC42d printer delivers excellent
printing results in an affordable, dependable desktop printer.
PC42d
4-Inch Direct Thermal Desktop Printer
FEATURES AND BENEFITS
Compact yet powerful – a
perfect combination of
economy and quality.
Printing speed is up to
200 mm/s (8 ips).
Easy to use with a solid
double-layer housing, simple
paper-loading design, media
auto-centering, and auto-sensing
of printing languages.
A high-quality printhead
and compatibility with
a wide range of thermal
media ensures excellent
printing results.
Includes integrated command
languages: ESim (EPL), ZSim
(ZPL-II), DPL, and Direct Protocol
(DP) with preset Chinese fonts.


Similar Part No. - PC42D

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
PC42-F05 DIT-PC42-F05 Datasheet
1Mb / 2P
EMI/EMC FILTER
PC42-F08 DIT-PC42-F08 Datasheet
1Mb / 2P
EMI/EMC FILTER
PC42-F10 DIT-PC42-F10 Datasheet
1Mb / 2P
EMI/EMC FILTER
PC42-F15 DIT-PC42-F15 Datasheet
1Mb / 2P
EMI/EMC FILTER
logo
Picker Components
PC420 PICKER-PC420 Datasheet
139Kb / 2P
20 Amp Subminature PCB Power Relay
More results

Similar Description - PC42D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
fujitsu semiconductor
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
FUJITSU THERMAL PRINTER
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
battery drive, 4 high speed thermal printer
logo
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
TDP43MY Thermal Transfer Desktop Printer and Accessories
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com