Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8574PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574PW
Description  REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574PW Datasheet(HTML) 3 Page - Texas Instruments

  PCF8574PW Datasheet HTML 1Page - Texas Instruments PCF8574PW Datasheet HTML 2Page - Texas Instruments PCF8574PW Datasheet HTML 3Page - Texas Instruments PCF8574PW Datasheet HTML 4Page - Texas Instruments PCF8574PW Datasheet HTML 5Page - Texas Instruments PCF8574PW Datasheet HTML 6Page - Texas Instruments PCF8574PW Datasheet HTML 7Page - Texas Instruments PCF8574PW Datasheet HTML 8Page - Texas Instruments PCF8574PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
To Interrupt
Logic
P0−P7
VCC
GND
CI
S
D
Q
FF
CI
S
D
Q
FF
Write Pulse
Data From
Shift Register
Power-On
Reset
Read Pulse
Data to
Shift Register
100
µA
I2C Interface
PCF8574
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
SCPS068F – JULY 2001 – REVISED OCTOBER 2006
SIMPLIFIED SCHEMATIC DIAGRAM OF EACH P-PORT INPUT/OUTPUT
I2C communication with this device is initiated by a master sending a start condition, a high-to-low transition on
the SDA I/O while the SCL input is high. After the start condition, the device address byte is sent,
most-significant bit (MSB) first, including the data direction bit (R/W). This device does not respond to the
general call address. After receiving the valid address byte, this device responds with an acknowledge, a low on
the SDA I/O during the high of the acknowledge-related clock pulse. The address inputs (A0–A2) of the slave
device must not be changed between the start and the stop conditions.
The data byte follows the address acknowledge. If the R/W bit is high, the data from this device are the values
read from the P port. If the R/W bit is low, the data are from the master, to be output to the P port. The data byte
is followed by an acknowledge sent from this device. If other data bytes are sent from the master, following the
acknowledge, they are ignored by this device. Data are output only if complete bytes are received and
acknowledged. The output data will be valid at time, tpv, after the low-to-high transition of SCL and during the
clock cycle for the acknowledge.
A stop condition, which is a low-to-high transition on the SDA I/O while the SCL input is high, is sent by the
master.
Interface Definition
BIT
BYTE
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C slave address
L
H
L
L
A2
A1
A0
R/W
I/O data bus
P7
P6
P5
P4
P3
P2
P1
P0
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com