Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN22 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN22
Description  STARTLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 6 Page - STMicroelectronics

  TN22_05 Datasheet HTML 1Page - STMicroelectronics TN22_05 Datasheet HTML 2Page - STMicroelectronics TN22_05 Datasheet HTML 3Page - STMicroelectronics TN22_05 Datasheet HTML 4Page - STMicroelectronics TN22_05 Datasheet HTML 5Page - STMicroelectronics TN22_05 Datasheet HTML 6Page - STMicroelectronics TN22_05 Datasheet HTML 7Page - STMicroelectronics TN22_05 Datasheet HTML 8Page - STMicroelectronics TN22_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TN22
6/9
®
Figure 13: DPAK Package mechanical data
Figure 14: Footprint dimensions (in millimeters)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.018
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.251
0.259
G
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L2
0.80 Typ.
0.031 Typ.
L4
0.6
1.0
0.023
0.039
V2
0°
8°
0°
8°
6.7
6.7
3
3
1.6
1.6
2.3
2.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com