Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L292 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L292
Description  SWITCH-MODE DRIVER FOR DC MOTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 Datasheet(HTML) 1 Page - STMicroelectronics

  L292 Datasheet HTML 1Page - STMicroelectronics L292 Datasheet HTML 2Page - STMicroelectronics L292 Datasheet HTML 3Page - STMicroelectronics L292 Datasheet HTML 4Page - STMicroelectronics L292 Datasheet HTML 5Page - STMicroelectronics L292 Datasheet HTML 6Page - STMicroelectronics L292 Datasheet HTML 7Page - STMicroelectronics L292 Datasheet HTML 8Page - STMicroelectronics L292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L292
July 2003
s
DRIVING CAPABILITY : 2 A, 36 V, 30 KHz
s
2 LOGIC CHIP ENABLE
s
EXTERNAL LOOP GAIN ADJUSTEMENT
s
SINGLE POWER SUPPLY (18 TO 36 V)
s
INPUT SIGNAL SYMMETRIC TO GROUND
s
THERMAL PROTECTION
DESCRIPTION
The L292 is a monolithic LSI circuit in 15-lead Mul-
tiwatt ® package. It is intended for use, together
with L290 and L291, as a complete 3-chip motor
positioning system for applications such as car-
riage/daisy-wheel position control in type-writes.
The L290/1/2 system can be directly controlled by
a microprocessor.
MULTIWATT15 V
ORDERING NUMBER: L292
SWITCH-MODE DRIVER FOR DC MOTORS
BLOCK DIAGRAM


Similar Part No. - L292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
SWITCH-MODE DRIVER FOR DC MOTORS
Mar-1993
More results

Similar Description - L292

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7006 NTE-NTE7006 Datasheet
23Kb / 3P
Integrated Circuit Switch Mode Driver for DC Motors
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
SWITCH-MODE DRIVER FOR DC MOTORS
Mar-1993
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
Full-Bridge Driver IC for DC Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
DUAL-BRIDGE DRIVER IC FOR DC MOTORS
logo
Fairchild Semiconductor
FAH4820 FAIRCHILD-FAH4820 Datasheet
1Mb / 14P
Direct Driver for DC Motors (ERMs)
logo
ON Semiconductor
CAT3211 ONSEMI-CAT3211 Datasheet
373Kb / 14P
Programmable Haptic Driver for Rotary DC Motors
April, 2013 ??Rev. 0
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015FTG TOSHIBA-TC78B015FTG Datasheet
596Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com