Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYM8563Z Datasheet(PDF) 4 Page - HAOYU MICROELECTRONIC., LTD.

Part # HYM8563Z
Description  I2C Real Time Clock/Calendar
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOYU [HAOYU MICROELECTRONIC., LTD.]
Direct Link  http://www.haoyu-ic.com/cn/
Logo HAOYU - HAOYU MICROELECTRONIC., LTD.

HYM8563Z Datasheet(HTML) 4 Page - HAOYU MICROELECTRONIC., LTD.

  HYM8563Z Datasheet HTML 1Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 2Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 3Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 4Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 5Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 6Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 7Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 8Page - HAOYU MICROELECTRONIC., LTD. HYM8563Z Datasheet HTML 9Page - HAOYU MICROELECTRONIC., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HYM8563
- 4 -
SCL LOW time
tLOW
1.3
µs
SCL HIGH time
tHIGH
0.6
SCL and SDA rise time
tr
0.3
µs
SCL and SDA fall time
tf
0.3
µs
capacitive bus line load
Cb
400
pF
data set-up time
tSU;DAT
100
ns
data hold time
tHD;DAT
0
ns
set-up time for STOP
condition
tSU;STO
4.0
µs
tolerable spike width on bus
tSW
50
ns
Note: [1] Unspecified for fCLKOUT = 32.768 kHz.
[2] All timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and
VIH with an input voltage swing of VSS to VDD.
[3] I
2C-bus access time between two STARTS or between a START and a STOP condition to this device must be
less than one second.
Figure1: I
2C-bus timing waveform
Figure 2: IDD as a function of VDD;
Figure 3: IDD as a function of VDD;
CLKOUT disabled
CLKOUT = 32KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com