Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC97551 Datasheet(PDF) 3 Page - Winbond

Part # PC97551
Description  Embedded Controller for Notebook Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

PC97551 Datasheet(HTML) 3 Page - Winbond

  PC97551 Datasheet HTML 1Page - Winbond PC97551 Datasheet HTML 2Page - Winbond PC97551 Datasheet HTML 3Page - Winbond PC97551 Datasheet HTML 4Page - Winbond PC97551 Datasheet HTML 5Page - Winbond PC97551 Datasheet HTML 6Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Revision 1.1
3
www.winbond.com
Features (Continued)
— Provides interrupt on system events (via MSWC)
External modem ring on RI
IRQ from Keyboard, Mouse and PM channels
Software-triggered event
System ACPI sleep-state change
Power Button mode change
Legacy software “Off” command
Multi-Input Wake-Up (MIWU)
— Supports up to 20 wake-up inputs
— Provides user-selectable trigger conditions
— Provides wake-up on activity of external pins
General-purpose wake-up inputs
Power switch input
Keyboard scan inputs
— Generates wake-up event to Power Management
Controller (PMC)
— Generates interrupts to ICU
General-Purpose I/O (GPIO)
— 92 port pins (including keyboard scanning)
— I/O pins individually configured as input or output
— Optional internal pull-up resistors on inputs
— Special ports for internal keyboard matrix scanning
16 open-collector outputs
Eight Schmitt inputs with internal pull-ups
— Dedicated input for system On/Off switch
— External GPIO expansion through the
BIU I/O Expansion protocol
PS/2 Interface
— Supports four external ports for: external keyboard,
mouse and two additional pointing devices
— Supports byte-level handling via hardware accelera-
tor
Two ACB Interface modules. Each module:
— Is Intel SMBus and Philips I2C® compatible
— Is SMBus master and slave
— Detects four simultaneous slave addresses (two
user-defined, broadcast and ARP)
— Supports polling and interrupt controlled operation
— Generates a wake-up event on detection of a Start
Condition (while in Idle mode)
— Has an optional internal pull-up on SDA and SCL pins
Universal Synchronous/Asynchronous Receiver-Trans-
mitter (USART)
— Supports full-duplex USART communication
— Has programmable baud rate
— Supports polling and interrupt controlled data transfer
— Supports synchronous mode with either internal or
external clock
— Supports 9-bit Attention mode
Two 16-bit Multi Function Timer (MFT16) modules;
each module:
— Contains two 16-bit timers
— Supports Pulse Width Modulation (PWM), Capture
and Counter
Timer and Watchdog (TWM)
— 16-bit periodic interrupt timer with 30
µs resolution
and 5-bit prescaler for system tick and periodic
wake-up tasks
— 8-bit watchdog timer
Pulse Width Modulation (PWM) Module
— Eight outputs
— 8/16-bit duty cycle resolution
— 8/16-bit common input clock prescaler
Analog to Digital Converter (ADC)
— Five voltage channels (four external and one
internal), with 8-bit resolution
— Sigma-delta technology for high noise rejection
— Internal voltage reference
— Every 100 ms, three of the five channels are measured
Digital to Analog Converter (DAC)
— Four channels with 8-bit resolution
— Rail-to-Rail output range, from AGND to AVCC
— 1
µs conversion time
Host-Core Interface Functions
Host Bus Interface (HBI)
— Comprises three host interface ports, typically used
for KBC and ACPI EC channels:
One 8042 KBC-standard, interface (legacy 6016,
6416).
Two PM interface ports (legacy 6216, 6616 and
6816, 6C16).
These provide ACPI Embedded Controller sup-
port with either “Shared” or “Private” interface
(regarding SCI/SMI generation).
— Generates IRQ (with Legacy support), SMI and SCI
— Provides Fast Gate A20 and Fast Keyboard Reset
via firmware
Core Access to Host-Controlled Functions
— Host-Core arbitration of function control
— Host access blocked by the core via lock bits



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com