Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1086TL-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1086TL-13
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086TL-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1086TL-13 Datasheet HTML 1Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 2Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 3Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 4Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 5Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 6Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 7Page - Diodes Incorporated AP1086TL-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086 Rev. 2
3 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Under Operating Conditions )
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage AP1086-Adj
TA = 25
οC,(V
IN-VOUT)= 1.5V,IO = 10mA
1.225
1.250
1.275
V
AP1086-1.5
IOUT = 10mA, TA = 25οC, 3V≦VIN≦
12V
1.470
1.500
1.530
V
AP1086-1.8
IOUT = 10mA, TA = 25οC, 3.3V≦VIN≦
12V
1.764
1.800
1.836
V
AP1086-2.5
IOUT = 10mA, TA = 25οC, 4V≦VIN≦
12V
2.450
2.500
2.550
V
AP1086-3.3
IOUT = 10mA, TA = 25οC, 4.8V≦VIN≦
12V
3.235
3.300
3.365
V
Output Voltage
AP1086-5.0
IOUT = 10mA, TA = 25οC, 6.5V≦VIN≦
12V
4.900
5.000
5.100
V
Line Regulation
AP1086-XXX
IO = 10mA, VOUT+1.5V<VIN<12V
-
-
0.2
%
AP1086-Adj
VIN = 3.3V, 0mA<Io<1.5A, TA = 25οC
(Note 3, 4)
-
-
1
%
AP1086-1.5
VIN = 3V, 0mA<Io<1.5A, TA = 25οC
(Note 3, 4)
-
12
15
mV
AP1086-1.8
VIN = 3.3V, 0mA<Io<1.5A, TA = 25οC
(Note 3, 4)
-
15
18
mV
AP1086-2.5
VIN = 4V, 0mA<Io<1.5A, TA = 25οC
(Note 3, 4)
-
20
25
mV
AP1086-3.3
VIN = 5V, 0≦IOUT≦1.5A, TA = 25οC ,
TJ = 25
oC (Note 3, 4)
-
26
33
mV
Load Regulation
AP1086-5.0
VIN = 8V, 0≦IOUT≦1.5A, TA = 25οC ,
TJ = 25
oC (Note 3, 4)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
AP1086-Adj/-
2.5
/-3.3/-3.6/-5.0
IOUT = 1.5A, ∆VOUT = 1%VOUT
-
1.3
1.4
V
Current Limit
AP1086-Adj/-
2.5
/-3.3/-3.6/-5.0
(VIN-VOUT) = 5V
1. 6
-
-
A
Minimum Load
Current
AP1086-XXX
0
oC≦Tj≦125oC
-
5
10
mA
Thermal
Regulation
TA = 25οC, 30ms pulse
-
0.008
0.04
%/W
f = 120Hz,COUT = 25uF Tantalum, IOUT = 1.5A
Ripple Rejection
AP1086-XXX
VIN = VOUT+3V
-
60
70
dB
RMS Noise (% of VOUT)
10Hz
≤ f ≤ 10KHz
-
0.003
-
%
Temperature Stability
IO = 10mA
-
0.5
-
%
Thermal Resistance
Junction-to-Ambient
(No heat sink ;No air flow)
TO252-3L
TO263-3L
TO220-3L
-
101
83
86
-
OC/W
Thermal Resistance
Junction-to-Case
TO252-3L: Control Circuitry/Power Transistor
TO263-3L: Control Circuitry/Power Transistor
TO220-3L: Control Circuitry/Power Transistor
-
15
0.65/2.7
0.65/2.7
-
OC/W
Notes: 3. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a
constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
4. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference in input
and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
5. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com