Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC2012F-681Z Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # AC2012F-681Z
Description  Chip Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

AC2012F-681Z Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  AC2012F-681Z Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. AC2012F-681Z Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.fpe.com.cn
2012F Series
Series
A
K2
B
1.10
2.70
suggested PCB layout
1、Features
Operating temperature -40℃~150℃
Suitable for lead-free reflow soldering
Compliance with RoHS and Halogen Free
Bifilar winding
AEC-Q200 qualified
2、Application
Used radiation noise suppression for automotive CAN-BUS / Flex Ray systems
Used for Industrial field bus systems
3、外形尺寸 SHAPES AND DIMENSIONS (Unit:mm)
4、电路图 Schematic Diagram
Series
A
B
C
D1
D2
2012F
2.0±0.2
1.27±0.2
1.20±0.2
0.50±0.1
0.45±0.1


Similar Part No. - AC2012F-681Z

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC2010 YAGEO-AC2010 Datasheet
345Kb / 11P
THICK FILM CHIP RESISTORS Automotive grade
AC2010 YAGEO-AC2010 Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
AC2010 YAGEO-AC2010 Datasheet
455Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Mar. 19,2021 V.8
AC2010 YAGEO-AC2010 Datasheet
397Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jan. 04, 2023 V.10
AC2010 YAGEO-AC2010 Datasheet
414Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Aug. 02, 2022 V.9
More results

Similar Description - AC2012F-681Z

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLT-S009T HITACHI-METALS-FSLT-S009T Datasheet
88Kb / 8P
2012 Size Chip Multilayer RF Transformer
logo
Abracon Corporation
ABT-8 ABRACON-ABT-8 Datasheet
1Mb / 6P
Wire Wound Chip Balun Wide Band Transformer
02.04.15
logo
Bourns Electronic Solut...
SM353230-181N7Y BOURNS-SM353230-181N7Y Datasheet
483Kb / 4P
1 / 2.5 / 5 GbE Chip LAN Transformer
SM43P01EL BOURNS-SM43P01EL Datasheet
630Kb / 3P
10 GbE Chip LAN Transformer Modul
SM42002EL BOURNS-SM42002EL Datasheet
637Kb / 3P
2.5 GbE Chip LAN Transformer Module
SM43001EL BOURNS-SM43001EL Datasheet
654Kb / 3P
10 GbE Chip LAN Transformer Module
SM453230-121N7YP BOURNS-SM453230-121N7YP Datasheet
452Kb / 4P
SM453230-121N7YP - 10 GbE Chip-LAN Transformer
11/21
logo
GUANGDONG MISUN TECHNOL...
4532F FPE-4532F Datasheet
472Kb / 2P
Chip Transformer
8060S FPE-8060S Datasheet
588Kb / 2P
Chip Transformer
8066F FPE-8066F Datasheet
640Kb / 2P
Chip Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com