Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1084T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1084T
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084T Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1084T Datasheet HTML 1Page - Diodes Incorporated AP1084T Datasheet HTML 2Page - Diodes Incorporated AP1084T Datasheet HTML 3Page - Diodes Incorporated AP1084T Datasheet HTML 4Page - Diodes Incorporated AP1084T Datasheet HTML 5Page - Diodes Incorporated AP1084T Datasheet HTML 6Page - Diodes Incorporated AP1084T Datasheet HTML 7Page - Diodes Incorporated AP1084T Datasheet HTML 8Page - Diodes Incorporated AP1084T Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
2 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
3
Thermal
Shutdown
1
2 Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
-
+
Pin Assignment
TO263-3L
3
2
1
Vin
Vout
Adj ( GND)
Tab is Vout
FRONT VIEW
TO252-3L
3
2
1
Vin
Vout
Adj ( GND)
Tab is Vout
FRONT VIEW
TO220-3L
Tab is Vout
3
Vin
2
1
Vout
Adj ( GND)
FRONT VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com