Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS32HMSR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS32HMSR
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS32HMSR Datasheet(HTML) 5 Page - Intersil Corporation

  HCS32HMSR Datasheet HTML 1Page - Intersil Corporation HCS32HMSR Datasheet HTML 2Page - Intersil Corporation HCS32HMSR Datasheet HTML 3Page - Intersil Corporation HCS32HMSR Datasheet HTML 4Page - Intersil Corporation HCS32HMSR Datasheet HTML 5Page - Intersil Corporation HCS32HMSR Datasheet HTML 6Page - Intersil Corporation HCS32HMSR Datasheet HTML 7Page - Intersil Corporation HCS32HMSR Datasheet HTML 8Page - Intersil Corporation HCS32HMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN3057.1
April 11, 2007
Data to Output
TPHL
VCC = 4.5V
+25
2
20
ns
TPLH
VCC = 4.5V
+25
2
22
ns
NOTES:
8. All voltages referenced to device GND.
9. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
10. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
DC Post Radiation Electrical Performance Characteristics (Continued)
Operating Specifications
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
3
μA
IOL/IOH
5
-15% of 0 Hour
Applicable Subgroups
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 11)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11,
(Note 12)
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTES:
11. Alternate group A inspection in accordance with method 5005 of MIL-STD-883 may be exercised.
12. Burn-In and Operating Life Test, Delta Parameters (+25°C) only.
HCS32MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com