Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8017 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # ISCFM8017
Description  SiC diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8017 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  ISCFM8017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8017 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8017 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8017 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCFM8017 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISCFM8017
eq APTM100A13SCG
SiC diodes MOSFET Power Module
www.iscsemi.com
4
Module Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Visol
Case Isolation Voltage
t=1min, f=50Hz
4000
--
--
V
Tj
Maximum Junction Temperature
--
-40
--
150
℃
TSTG
Operating Junction Temperature
--
-40
--
125
℃
Torque
Mounting Torque
To heatsink
3
--
5
N.m
For terminals
2
--
3.5
Wt
Package Weight
--
--
--
300
g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com