Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8014 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCFM8014
Description  All-SiC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8014 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCFM8014 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8014 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8014 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8014 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8014 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCFM8014 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISCFM8014 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISCFM8014
eq CCB016M12GM3
All-SiC Power Module
www.iscsemi.com
2
MOSFET ChaRACTERISTICS (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V;
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 23mA
2.0
2.5
4.0
V
VDS = VGS, ID = 23mA,Tvj≤175℃
--
2.0
--
RDS(on)
Drain-Source On-stage Resistance
VGS= 15V; ID= 50A
--
16
20.8
mΩ
VGS= 15V; ID= 50A;TJ=175°C
--
28.5
--
IGSS
Gate Source Leakage Current
VGS= 15V; VDS= 0V
--
--
0.5
uA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
--
38
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 1000V,
f = 1MHz,
VAC= 25mV
--
4210
--
pF
Coss
Output Capacitance
--
260
--
Crss
Reverse Transfer Capacitance
--
18
--
Qg
Total Gate Charge
VDS = 800V,
ID=40A,
VGS=-4V/ +15V
--
274
--
nC
Qgs
Gate-Source Charge
--
75
--
Qgd
Gate-Drain Charge
--
32
--
Diode Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
ISD
DC Body Diode Forward Current
VGS=-4V,TH=80℃
--
43
--
A
ISD pulse
Pulsed body diode current
verified by design,tp limited by
Tvjmax
--
--
100
A
VSD
Diode Forward Voltage
ISD= 50A
--
4.5
--
V
ISD= 50A;Tvj=150°C
--
4.1
--



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com