Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ5239B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMSZ5239B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5239B Datasheet(HTML) 3 Page - Diodes Incorporated

  MMSZ5239B Datasheet HTML 1Page - Diodes Incorporated MMSZ5239B Datasheet HTML 2Page - Diodes Incorporated MMSZ5239B Datasheet HTML 3Page - Diodes Incorporated MMSZ5239B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS18010 Rev. 18 - 2
3 of 4
MMSZ5221B - MMSZ5259B
www.diodes.com
0
0.1
0.2
0.3
0.4
0.5
25
050
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs Ambient Temperature
A
°
0.6
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 2 Total Capacitance vs Nominal Zener Voltage
Z
T= 25 °C
j
V= 1V
R
V= 2V
R
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 4 Zener Breakdown Characteristics
Z
T= 25°C
j
5V6
6V8
8V2
Test Current I
20mA
Z
1
10
100
1000
1
10
100
V , NOMINAL ZENER VOLTAGE (V)
Fig. 3 Zener Voltage vs. Zener Impedence
Z
I = 1.0mA
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 5 Zener Breakdown Characteristics
Z
10
20
30
40
T= 25°C
j
Test current I
Z
10
12
18
22
27
33
36
15
39
Nominal Zener Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com