Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2937L-XX-AA3-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LM2937L-XX-AA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937L-XX-AA3-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LM2937L-XX-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 9Page - Unisonic Technologies LM2937L-XX-AA3-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R102-012.L
TYPICAL CHARACTERISTICS (Cont.)
Output Impedance
0
200
100
300
0.01
0.1
1
Output Current (mA)
400
500
10
100
Output Capacitor ESR
VOUT=5V
COUT=10
μF
-30
-10
0
0
-20
10
20
-2
2
6
Input Voltage (V)
30
40
8
10
12
Output at Voltage Extremes
RL=100
Ω
VOUT=10V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30
40
12
16
20
Output at Voltage Extremes
RL=100
Ω
VOUT=12V
4
VOUT=8V
VOUT=5V
VOUT=15V
100
1K
0.01
0.1
10
10K
100K
1.0
10
Frequency (Hz)
1M
VIN=14V
VOUT=5V
COUT=10
μF
IOUT=25mA
STABLE
REGION
-40
3.28
Output Voltage vs Temperature
3.24
3.26
3.3
3.22
3.2
3.32
3.34
3.36
3.38
3.4
Temperature (ºC)
-20
0
25
50 75 100 125
-40
11.9
Output Voltage vs Temperature
11.8
11.6
12
12.1
12.2
12.3
Temperature (ºC)
-20
0
25
50 75 100 125
12V
11.7
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com