Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR18120XG-XX-SH2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR18120XG-XX-SH2-R
Description  2A LOW DROPOUT REGULATOR WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18120XG-XX-SH2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LR18120XG-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 6Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 7Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 8Page - Unisonic Technologies LR18120XG-XX-SH2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LR18120
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-305.O
TYPICAL CHARACTERISTICS (VCC= 3.3V, TA=25°C, unless otherwise specified.)
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Quiescent Current vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-45-35-25-15 -5 5 15 25 35 45 55 65 75 85
Temperature (°C)
Quiescent Current vs. Temperature
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0
0.1
0.05
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
IPPH Current vs. Input Voltage
-45-35-25-15 -5 5 15 25 35 45 55 65 75 85
Temperature (°C)
0
0.1
0.05
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
IPPH Current vs. Temperature
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0
5
10
15
20
25
30
35
40
IPPL Current vs. Input Voltage
-45-35-25-15 -5 5 15 25 35 45 55 65 75 85
Temperature (°C)
0
5
10
15
20
25
30
35
40
IPPL Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com