Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR71XXL-AE2-4-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UR71XXL-AE2-4-R
Description  HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR71XXL-AE2-4-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UR71XXL-AE2-4-R Datasheet HTML 1Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 2Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 3Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 4Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 5Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 6Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 7Page - Unisonic Technologies UR71XXL-AE2-4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UR71XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-C22.I
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
36
V
Power Dissipation
SOT-223
PD
600
mW
SOT-23-3/SOT-23
250
mW
SOT-23-5/SOT-25
SOT-353
300
mW
SOT-89/TO-92
500
mW
DFN2020-6
1000 (Note 2)
mW
DFN3030-8
1535 (Note 2)
mW
Operating Temperature Range
TOPR
-40 ~ +125
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The data tested by surface mounted on a 2 inch
2 FR-4 board with 2OZ copper.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
UTC UR7133
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
3.234
3.3
3.366
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
80
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
50
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
50
100
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±100
Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
4.0
uA
CE Pull-down Current
IPD
Only with CE pin
0.3
uA
CE Input Voltage "H"
VCEH
Only with CE pin
VIN-1
VIN
V
CE Input Voltage "L"
VCEL
Only with CE pin
0
1
V
UTC UR7140
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
3.92
4.0
4.08
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
80
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
50
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
50
100
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±100
Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
4.0
uA
CE Pull-down Current
IPD
Only with CE pin
0.3
uA
CE Input Voltage "H"
VCEH
Only with CE pin
VIN-1
VIN
V
CE Input Voltage "L"
VCEL
Only with CE pin
0
1
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com